Part Number Hot Search : 
A1030 HGBBN BC369 BU4846G HIP66 AS324P MC36206 MRF3010
Product Description
Full Text Search
 

To Download MBR3020CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR3020CT~MBR30100CT
SCHOTTKY BARRIER RECTIFIERS VOLTAGE
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * In compliance with EU RoHS 2002/95/EC directives
.50(12.7)MIN
.419(10.66) .387(9.85) .139(3.55) MIN
20 to 100 Volts
CURRENT
30.0 Amperes
TO-220AB
Unit : inch (mm)
.196(5.00) .163(4.16) .054(1.39) .045(1.15)
.269(6.85) .226(5.75)
.624(15.87)
MECHANICAL DATA
* Case: TO-220AB Molded plastic * Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Standard packaging: Any * Weight: 0.083 ounces, 2.24grams.
.038(0.96) .019(0.50)
.177(4.5)MAX
.548(13.93)
.025(0.65)MAX
.1(2.54)
.1(2.54)
AC Positive CT AC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt l e a d l e ng t h a t T C = 9 0 OC P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 5 A , p e r l e g M a xi m um D C R e ve r s e C ur r e nt TJ= 2 5 O C a t R a t e d D C B l o c k i ng V o l t a g e T J= 1 0 0 OC Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L M B R 3 0 2 0 C T M B R 3 0 3 0 C T M B R 3 0 3 5 C T M B R 3 0 4 0 C T M B R 3 0 4 5 C T M B R 3 0 4 5 C T M B R 3 0 5 0 C T M B R 3 0 6 0 C T M B R 3 0 8 0 C T M B R 3 0 1 0 0 C T U N I T S VRRM VRMS VD C IF ( A V ) IF S M VF IR RJ C TJ , TS T G 0 .5 5 0 .1 20 1 .5 - 5 0 TO + 1 5 0
O
20 14 20
30 21 30
35 2 4 .5 35
40 28 40
45 3 1 .5 45 30 275
45 3 1 .5 45
50 35 50
60 42 60
80 56 80
100 70 100
V V V A A
0 .7 0
0 .8 0
V
mA
C/W
O
C
NOTES: Both Bonding and Chip structure are available.
STAD-MAR.14.2006
PAGE . 1
MBR3020CT~MBR30100CT
RATING AND CHARACTERISTIC CURVES
400
AVERAGE FORWARD CURRENT AMPERES
PEAK FORWARD SURGE CURRENT,
50 40 30 20 10 0 0
350 300 250 200 150 100 50 0 1 2 5 10
8.3ms Single Half Since-Wave JEDEC Method
50
100
O
150
20
50
100
CASE TEMPERATURE, C
NO. OF CYCLE AT 60HZ
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
10
INSTANTANEOUS REVERSE CURRENT, mA
INSTANTANEOUS FORWARD CURRENT
40
T J=125 OC
1.0
10 8 6 4 2 1.0 .8 .6 .4 .2 .1
0.1
T J=75 OC
MBR20,40V MBR50,60V MBR80,100V
0.01
T J=25 C
O
0 .001
20 40 60 80 100
.4
.5
.6
.7
.8
.9
1.0
1.1
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, %
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
LEGAL STATEMENT
Copyright PanJit International, Inc 2006
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-MAR.14.2006
PAGE . 2


▲Up To Search▲   

 
Price & Availability of MBR3020CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X